Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5566MVR132 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC5566MVR132
Description  MPC5566 Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5566MVR132 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5566MVR132 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
MPC5566 Microcontroller Data Sheet, Rev. 3
Overview
Freescale Semiconductor
2
The MPC5500 family of parts contains many new features coupled with high performance CMOS
technology to provide significant performance improvement over the MPC565x.
The host processor core of the MPC5566 also includes an instruction set enhancement allowing variable
length encoding (VLE). This allows optional encoding of mixed 16- and 32-bit instructions. With this
enhancement, it is possible to significantly reduce the code size footprint.
The MPC5566 has two levels of memory hierarchy. The fastest accesses are to the 32-kilobytes (KB)
unified cache. The next level in the hierarchy contains the 128-KB on-chip internal SRAM and three-
megabytes (MB) internal flash memory. The internal SRAM and flash memory hold instructions and data.
The external bus interface is designed to support most of the standard memories used with the MPC5xx
family.
The complex input/output timer functions of the MPC5566 are performed by two enhanced time processor
unit (eTPU) engines. Each eTPU engine controls 32 hardware channels, providing a total of 64 hardware
channels. The eTPU has been enhanced over the TPU by providing: 24-bit timers, double-action hardware
channels, variable number of parameters per channel, angle clock hardware, and additional control and
arithmetic instructions. The eTPU is programmed using a high-level programming language.
The less complex timer functions of the MPC5566 are performed by the enhanced modular input/output
system (eMIOS). The eMIOS’ 24 hardware channels are capable of single-action, double-action,
pulse-width modulation (PWM), and modulus-counter operations. Motor control capabilities include
edge-aligned and center-aligned PWM.
Off-chip communication is performed by a suite of serial protocols including controller area networks
(FlexCANs), enhanced deserial/serial peripheral interfaces (DSPIs), and enhanced serial communications
interfaces (eSCIs). The DSPIs support pin reduction through hardware serialization and deserialization of
timer channels and general-purpose input/output (GPIOs) signals.
The MCU has an on-chip enhanced queued dual analog-to-digital converter (eQADC).s 40-channels.
The system integration unit (SIU) performs several chip-wide configuration functions. Pad configuration
and general-purpose input and output (GPIO) are controlled from the SIU. External interrupts and reset
control are also determined by the SIU. The internal multiplexer submodule provides multiplexing of
eQADC trigger sources, daisy chaining the DSPIs, and external interrupt signal multiplexing.
The Fast Ethernet (FEC) module is a RISC-based controller that supports both 10 and 100 Mbps
Ethernet/IEEE® 802.3 networks and is compatible with three different standard MAC (media access
controller) PHY (physical) interfaces to connect to an external Ethernet bus. The FEC supports the 10 or
100 Mbps MII (media independent interface), and the 10 Mbps-only with a seven-wire interface, which
uses a subset of the MII signals. The upper 16-bits of the 32-bit external bus interface (EBI) are used to
connect to an external Ethernet device. The FEC contains built-in transmit and receive message FIFOs and
DMA support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com