Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8248VRPIEA Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8248VRPIEA
Description  PowerQUICC II Family Hardware Specifications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRPIEA Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRPIEA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8248VRPIEA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8248VRPIEA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8248VRPIEA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8248VRPIEA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8248VRPIEA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8248VRPIEA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8248VRPIEA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8248VRPIEA Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3
8
Freescale Semiconductor
Operating Conditions
This table lists recommended operational voltage conditions.
This SoC contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (either GND or VCC).
This figure shows the undershoot and overshoot voltage of the 60x bus memory interface of the SoC. Note
that in PCI mode the I/O interface is different.
Figure 2. Overshoot/Undershoot Voltage
Table 4. Recommended Operating Conditions1
1 Caution: These are the recommended and tested operating conditions. Proper operation outside of these conditions
is not guaranteed.
Rating
Symbol
Value
Unit
Core supply voltage
VDD
1.425 – 575
V
PLL supply voltage
VCCSYN
1.425 – 575
V
I/O supply voltage
VDDH
3.135 – 3.465
V
Input voltage
VIN
GND (–0.3) – 3.465
V
Junction temperature (maximum)
Tj
1052
2 Note that for extended temperature parts the range is (-40)
TA
– 105Tj.
°C
Ambient temperature
TA
0–702
°C
GND
GND – 0.3 V
GND – 1.0 V
Not to exceed 10%
GVDD
of tSDRAM_CLK
GVDD + 5%
4 V
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com