Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9600FA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC9600FA
Description  LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9600FA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC9600FA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MOTOROLA
TIMING SOLUTIONS
6
Table 5: AC CHARACTERISTICS (VCC = 3.3 V ±5% or VCC = 2.5 V ±5%, TA = –40° to +85°C)a
Symbol
Condition
Unit
Max
Typ
Min
Characteristics
tJIT(CC)
Cycle-to-cycle Jitterc
All outputs in
B2 configuration
All outputs in
B4 configuration
40
40
130
180
ps
ps
See application
section for
other
configurations
tJIT(PER)
Period Jitterc
All outputs in
B2 configuration
All outputs in
B4 configuration
25
20
70
100
ps
ps
See application
section for
other
configurations
tJIT(
∅)
I/O Phase Jitter (1
s)VCC = 3.3V
VCC = 2.5V
17d
15c
ps
ps
RMS value at
fVCO=400MHz
tLOCK
Maximum PLL Lock Time
5.0
ms
a. AC characteristics are applicable over the entire ambient temperature and supply voltage range and are production tested. AC
characteristics apply for parallel output termination of 50
Ω to VTT.
b. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (AC) specification. Violation of VCMR or VPP impacts static phase offset t(
∅).
c. Cycle–to–cycle and period jitter depends on output divider configuration.
d. See applications section for max I/O phase jitter versus frequency.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com