Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9600FA Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC9600FA
Description  LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9600FA Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC9600FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TIMING SOLUTIONS
11
MOTOROLA
The Following Figures Illustrate the Measurement Reference for the MPC9600 Clock Driver Circuit
Figure 11. CCLK MPC9600 AC test reference
Figure 12. PCLK MPC9600 AC test reference
Pulse
Generator
Z = 50
W
RT = 50 Ω
ZO = 50 Ω
RT = 50 Ω
ZO = 50 Ω
MPC9600 DUT
VTT
VTT
Differential
Pulse Generator
Z = 50
W
RT = 50 Ω
ZO = 50 Ω
RT = 50 Ω
ZO = 50 Ω
MPC9600 DUT
VTT
VTT
Figure 13. Propagation delay t(∅), static phase
offset) test reference
Figure 14. Propagation delay t(∅) test reference
Figure 15. Output Duty Cycle (DC)
Figure 16. Output–to–output Skew tSK(O)
The pin–to–pin skew is defined as the worst case difference in
propagation delay between any similar delay path within a
single device
The time from the PLL controlled edge to the non controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage
VCC
VCCB2
GND
VCC
VCCB2
GND
tSK(O)
VCC
VCCB2
GND
tP
T0
DC = tP/T0 x 100%
VCC
VCCB2
GND
VCC
VCCB2
GND
t(
∅)
CCLK
FB_IN
VCC
VCCB2
GND
t(
∅)
PCLK
FB_IN
PCLK
VPP
VCMR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com