Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVT312PBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVT312PBF
Description  HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT312PBF Datasheet(HTML) 3 Page - International Rectifier

  PVT312PBF Datasheet HTML 1Page - International Rectifier PVT312PBF Datasheet HTML 2Page - International Rectifier PVT312PBF Datasheet HTML 3Page - International Rectifier PVT312PBF Datasheet HTML 4Page - International Rectifier PVT312PBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series PVT312PbF
www.irf.com
3
Connection Diagrams
Figure 3. Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
Ambient Temperature (deg. C)
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
25
50
75
100
125
5 mA C ontrol
I D = 10 mA
" A" C onn ec tion
0.5
1.0
1.5
2.0
2.5
-0.5
-1.0
-1.5
-2.0
-2.5
-50
-100
-150
-200
50
100
150
200
Voltage Drop (Vdd)
@ 25C, pulsed
5 mA Control
" A" Conn ec tion
250
-250
3.0
-3.0
PV T312
PV T312L
Figure 1. Typical Current Derating Curves
Figure 2. Typical Current Derating Curves
Ambient Temperature (deg. C)
20
40
60
80
100
0
25
50
75
100
0
150
175
200
125
I L ED 5 mA
=
" A " C onn ec tion
PVT 312L
2 mA
Ambient Temperature (deg. C)
20
40
60
80
100
0
50
0
" A" Conn ec tion
200
250
150
100
PV T312
2 mA
I LED =5 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com