Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVT312PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVT312PBF
Description  HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT312PBF Datasheet(HTML) 1 Page - International Rectifier

  PVT312PBF Datasheet HTML 1Page - International Rectifier PVT312PBF Datasheet HTML 2Page - International Rectifier PVT312PBF Datasheet HTML 3Page - International Rectifier PVT312PBF Datasheet HTML 4Page - International Rectifier PVT312PBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 10038 revL
Series PVT312PbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open, 0-250V, 190mA AC/DC
General Description
The PVT312 Photovoltaic Relay is a single-pole,
normally open solid-state relay that can replace
electromechanical relays in many applications. It util-
izes International Rectifier’s proprietary HEXFET power
MOSFET as the output switch, driven by an integrated
circuit photovoltaic generator of novel construction. The
output switch is controlled by radiation from a GaAlAs
light emitting diode (LED) which is optically isolated
from the photovoltaic generator.
This SSR is specifically designed for telecom applica-
tions. PVT312L employs an active current-limiting cir-
cuitry enabling it to withstand current surge transients.
PVT312 Relays are packaged in a 6-pin, molded DIP
package with either thru-hole or surface mount
( “gull-wing”) terminals. It is available in standard plastic
shipping tubes or on tape-and-reel. Please refer to the
Part Identification information opposite.
Applications
On/Off Hook switch
Dial-Out relay
Ring injection relay
Ground start
General switching
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Part Identification
PVT312LPbF
current limit, thru-hole
PVT312LSPbF
current limit, surface-mount
PVT312LS-TPbF
current limit,surface-mount,
tape and reel
PVT312PbF
no current limit, thru-hole
PVT312SPbF
no current limit, surface-
mount
PVT312S-TPbF
no current limit, surface-
mount, tape and reel
Features
HEXFET Power MOSFET output
Bounce-free operation
4,000 V
RMS I/O isolation
Load current limiting
Linear AC/DC operation
Solid-State Reliability
ULrecognizedandBABTcertified;
ESD Tolerance:
4000V Human Body Model
500V Machine Model
www.irf.com
1


Similar Part No. - PVT312PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312PbF IRF-PVT312PbF Datasheet
1Mb / 5P
Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312PBF IRF-PVT312PBF Datasheet
217Kb / 6P
Bounce-free operation
PVT312PBF IRF-PVT312PBF_15 Datasheet
217Kb / 6P
Bounce-free operation
More results

Similar Description - PVT312PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312 IRF-PVT312 Datasheet
249Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVA13N IRF-PVA13N Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVG613 IRF-PVG613 Datasheet
108Kb / 5P
HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVG613PBF IRF-PVG613PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVT322PBF IRF-PVT322PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com