Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7809P Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS7809P
Description  16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809P Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7809P Datasheet HTML 9Page - Texas Instruments ADS7809P Datasheet HTML 10Page - Texas Instruments ADS7809P Datasheet HTML 11Page - Texas Instruments ADS7809P Datasheet HTML 12Page - Texas Instruments ADS7809P Datasheet HTML 13Page - Texas Instruments ADS7809P Datasheet HTML 14Page - Texas Instruments ADS7809P Datasheet HTML 15Page - Texas Instruments ADS7809P Datasheet HTML 16Page - Texas Instruments ADS7809P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
ADS7809P
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
ADS7809PB
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
ADS7809U
NRND
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
ADS7809U/1K
NRND
SOIC
DW
20
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
ADS7809U/1KE4
NRND
SOIC
DW
20
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
ADS7809UB
NRND
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
B
ADS7809UB/1K
NRND
SOIC
DW
20
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
B
ADS7809UB/1KE4
NRND
SOIC
DW
20
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
B
ADS7809UBE4
NRND
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
B
ADS7809UBG4
NRND
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
B
ADS7809UE4
NRND
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
ADS7809UG4
NRND
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS7809U
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com