Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90366 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 10 of 34
Datasheet
Rev. 1.0
25/Jun/13
8.
MLX90366 Timing Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Main Clock Frequency
Ck
All contributors (trimming accuracy,
supply voltage, thermal and ageing)
12.6
13.3
14
MHz
Main Clock Frequency Thermal
Drift
TCk
 3%
CkNOM
Tick time
Exact value for Ck = 13.3 MHz
The typical value will be affected
by any variation of the clock
3
μs
SENT Frame Period
tframe
882
μs
Internal Angle Measurement
Period
tper
441
μs
First Angle Measurement to
Sync Pulse latency
ta1
1084
μs
Second Angle Measurement to
Sync Pulse latency
ta2
643
μs
Field Change to SENT Data :
Average Latency
Latency
FILTER = 1 (recommended)
SENT Transmission Included
1745
1745
μs
SENT Frame Tick Count
294
294
Watchdog
twd
114.5
118
121.5
ms
Start-up Time (up to first sync
pulse)
tsu1
1.8
ms
Start-up Time (up to first data
received)
tsu2
Last pause pulse not included
5.9
6.3
ms
Serial Message
Extended sequence ( 18 frames )
Short sequence ( 8 frames )
15.876
7.056
ms
Rise Time @ Cable
Thresholds : 0.5V and 4.5V
See section 8.2
2.97
5.31
μs
Rise Time @ Receiver
5.07
6.84
μs
Fall Time @ Cable
2.65
2.82
μs
Fall Time @ Receiver
4.84
4.9
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com