Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90366 Datasheet(PDF) 14 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 14 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 18Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 14 of 34
Datasheet
Rev. 1.0
25/Jun/13
10.
MLX90366 Magnetic Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnetic Flux Density
BX, BY(10)
√[ BX 2 + BY 2 ]
70(11)
mT
Magnetic Flux Density
BZ(12)
126
mT
Magnetic Flux Norm
Norm
√[ BX2 + BY2 + (Bz/1.15)2 ]
20(12)
mT
IMC Gain(13)
GainIMC
1.15
1.3
1.4
Magnet Temperature Coefficient TCm
-2400
0
ppm/°C
11.
MLX90366 CPU & Memory Specification
The DSP is based on a 16 bit RISC µController. This CPU provides 2.5 Mips while running at 10 MHz.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
ROM
10
KB
RAM
384
B
EEPROM
128
B
10
The condition must be fulfilled for at least one field BX or BY.
11
Above 70 mT, the IMC® starts saturating yielding to an increase of the linearity error.
12
Below 20 mT, the performances slightly degrade due to a reduction of the signal-to-noise ratio, signal-to-offset ratio.
13
This is the magnetic gain linked to the Integrated Magneto Concentrator (IMC®) structure. It applies to BX and BY and not to
BZ. This is the overall variation. Within one lot, the part to part variation is typically ± 10% versus the average value of the IMC®
gain of that lot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com