Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV201AYMBRB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201AYMBRB
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV201AYMBRB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV201AYMBRB Datasheet HTML 9Page - Texas Instruments DRV201AYMBRB Datasheet HTML 10Page - Texas Instruments DRV201AYMBRB Datasheet HTML 11Page - Texas Instruments DRV201AYMBRB Datasheet HTML 12Page - Texas Instruments DRV201AYMBRB Datasheet HTML 13Page - Texas Instruments DRV201AYMBRB Datasheet HTML 14Page - Texas Instruments DRV201AYMBRB Datasheet HTML 15Page - Texas Instruments DRV201AYMBRB Datasheet HTML 16Page - Texas Instruments DRV201AYMBRB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
0
0
0
1
1
1
0
0
REGISTER NUMBER
M
0
0
0
1
1
1
0
1
DATA
CURRENT REGISTER NUMBER K
REGISTER NUMBER M
M+1
DRV201A ADDRESS
DRV201A ADDRESS
DRV201A ADDRESS
0
0
0
1
1
1
0
0
REGISTER NUMBER
M
DATA
SINGLE WRITE TO A DEFINED LOCATION
CURRENT REGISTER NUMBER K
REGISTER NUMBER M
M+1
DRV201A
www.ti.com
SLVSBN6 – JUNE 2013
I
2C BUS OPERATION
The I2C bus is a communications link between a controller and a series of slave terminals. The link is established
using a two-wired bus consisting of a serial clock signal (SCL) and a serial data signal (SDA). The serial clock is
sourced from the controller in all cases where the serial data line is bi-directional for data communication
between the controller and the slave terminals. Each device has an open drain output to transmit data on the
serial data line. An external pull-up resistor must be placed on the serial data line to pull the drain output high
during data transmission.
The DRV201A hosts a slave I2C interface that supports data rates up to 400 kbit/s and auto-increment
addressing and is compliant to I2C standard 3.0.
DRV201A supports four different read and two different write operations; single read from a defined location,
single read from a current location, sequential read starting from a defined location, sequential read from current
location, single write to a defined location, sequential write starting from a defined location. All different read and
write operations are described below.
Single Write to a Defined Location
Figure 7 shows the format of a single write to a defined register. First, the master issues a start condition
followed by a seven-bit I2C address. Next, the master writes a zero to conduct a write operation. Upon receiving
an acknowledge from the slave, the master writes the eight-bit register number across the bus. Following a
second acknowledge, DRV201A sets the I2C register to a defined value and the master writes the eight-bit data
value across the bus. Upon receiving a third acknowledge, DRV201A auto increments the internal I2C register
number by one and the master issues a stop condition. This action concludes the register write.
Figure 7. Single Write
Single Read from a Defined Location and Current Location
Figure 8 shows the format of a single read from a defined location. First, the master issues a start condition
followed by a seven-bit I2C address. Next, the master writes a zero to conduct a write operation. Upon receiving
an acknowledge from the slave, the master writes the eight-bit register number across the bus. Following a
second acknowledge, DRV201A sets the internal I2C register number to a defined value. Then the master issues
a repeat start condition and a seven-bit I2C address followed by a one to conduct a read operation. Upon
receiving a third acknowledge, the master releases the bus to the DRV201A. The DRV201A then writes the
eight-bit data value from the register across the bus. The master acknowledges receiving this byte and issues a
stop condition. This action concludes the register read.
Figure 8. Single Read from a Defined Location
Figure 9 shows the single read from the current location. If the read command is issued without defining the
register number first, DRV201A writes out the data from the current register from the device memory.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com