Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV201AYMBRB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201AYMBRB
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV201AYMBRB Datasheet(HTML) 2 Page - Texas Instruments

  DRV201AYMBRB Datasheet HTML 1Page - Texas Instruments DRV201AYMBRB Datasheet HTML 2Page - Texas Instruments DRV201AYMBRB Datasheet HTML 3Page - Texas Instruments DRV201AYMBRB Datasheet HTML 4Page - Texas Instruments DRV201AYMBRB Datasheet HTML 5Page - Texas Instruments DRV201AYMBRB Datasheet HTML 6Page - Texas Instruments DRV201AYMBRB Datasheet HTML 7Page - Texas Instruments DRV201AYMBRB Datasheet HTML 8Page - Texas Instruments DRV201AYMBRB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
YMB
package package markings:
YM
= YEAR / MONTH DATE CODE
D
= DAY OF LASER MARK
S
= ASSEMBLY SITE CODE
0
= Pin A1 (Filled Solid)
I
SOURCE
VBAT
GND
C
B
A
2
1
NanoFree YMB PACKAGE
(BOTTOM VIEW)
I
SINK
SCL
SDA
201A
YMDS
NanoFree YMB PACKAGE
(TOP VIEW)
201AB
YMDS
NanoFree YMB PACKAGE
(TOP VIEW)
NON-COATED
COATED
DRV201A
SLVSBN6 – JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
YMB (non-coated)
DRV201AYMBR
201A YMDS
-40°C to 85°C
YMB (coated)
DRV201AYMBRB
201AB YMDS
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
DEVICE INFORMATION
The coated package option has a backside polymer coating that is 40µm thick. The final package heights of both
the packages are the same for both options. This coating helps minimize edge chipping or die cracking during
assembly and manufacturing.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VBAT
2A
Power
GND
1A
Ground
I_SOURCE
2B
Voice coil positive terminal
I_SINK
1B
Voice coil negative terminal
SCL
2C
I
I2C serial interface clock input
SDA
1C
I/O
I2C serial interface data input/output (open drain)
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com