Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3263 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 6Page - Texas Instruments LM3263 Datasheet HTML 7Page - Texas Instruments LM3263 Datasheet HTML 8Page - Texas Instruments LM3263 Datasheet HTML 9Page - Texas Instruments LM3263 Datasheet HTML 10Page - Texas Instruments LM3263 Datasheet HTML 11Page - Texas Instruments LM3263 Datasheet HTML 12Page - Texas Instruments LM3263 Datasheet HTML 13Page - Texas Instruments LM3263 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
TIME ( 20µs/DIV )
C011
V
OUT (2V/DIV)
SDATA (2V/DIV)
I
OUT (1A/DIV)
VOUT
IOUT
5mVac/DIV
50mA/DIV
100 s/DIV
60
65
70
75
80
85
90
95
100
1.00
1.25
1.50
1.75
2.00
2.25
2.50
OUTPUT CURRENT ( A )
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.5V
C009
TIME ( 20µs/DIV )
C010
V
OUT (2V/DIV)
SDATA (2V/DIV)
I
OUT (500mA/DIV)
70
75
80
85
90
95
100
100
200
300
400
500
600
700
800
OUTPUT CURRENT ( mA )
VOUT = 1.6V
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.5V
C007
70
75
80
85
90
95
100
100
200
300
400
500
600
700
800
900 1,000
OUTPUT CURRENT ( mA )
VOUT = 1.6V
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.5V
C008
LM3263
SNVS837 – JUNE 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(VBATT =3.8V, TA = 25°C, unless otherwise noted)
Efficiency vs. Load Current
Efficiency vs. Load Current
Auto-PFM Mode, IOUT = 150mA to 750mA
Forced PWM Mode, IOUT = 100mA to 1000mA
Figure 7.
Figure 8.
Efficiency vs. Load Current
VOUT Transient (Auto-PFM)
Forced PWM Mode, IOUT = 1.0A to 2.5A
VOUT = 0.4V to 3.4V, RLOAD = 6.8Ω
Figure 9.
Figure 10.
VOUT Transient (Forced PWM)
Load Transient in PFM mode
VOUT = 1.4V to 3.4V, RLOAD = 1.9Ω
VOUT=1.0V, IOUT=0mA to 60mA
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com