Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25101CSD/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101CSD/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101CSD/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM25101CSD/NOPB Datasheet HTML 1Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 2Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 3Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 4Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 5Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 6Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 7Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 8Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM25101A, LM25101B, LM25101C
www.ti.com
SNVS859B – JULY 2012 – REVISED APRIL 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, VDD =
VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BOOT STRAP DIODE
VDL
Low-Current Forward Voltage
IVDD-HB = 100 µA
0.52
0.85
V
VDH
High-Current Forward Voltage
IVDD-HB = 100 mA
0.8
1
V
RD
Dynamic Resistance LM25101A/B/C
IVDD-HB = 100 mA
1.0
1.65
Ω
LO & HO GATE DRIVER
VOL
Low-Level Output Voltage LM25101A
IHO = ILO = 100 mA
0.12
0.25
Low-Level Output Voltage LM25101B
0.16
0.4
V
Low-Level Output Voltage LM25101C
0.28
0.65
VOH
High-Level Output Voltage LM25101A
IHO = ILO = 100 mA
0.24
0.45
VOH = VDD– LO or
High-Level Output Voltage LM25101B
0.28
0.60
V
VOH = HB - HO
High-Level Output Voltage LM25101C
0.60
1.10
IOHL
Peak Pullup Current LM25101A
HO, LO = 0V
3
Peak Pullup Current LM25101B
2
A
Peak Pullup Current LM25101C
1
IOLL
Peak Pulldown Current LM25101A
HO, LO = 12V
3
Peak Pulldown Current LM25101B
2
A
Peak Pulldown Current LM25101C
1
THERMAL RESISTANCE
θJA
Junction to Ambient (2)
SOIC-8
170
SO power Pad-8
40
WSON-8
40
°C/W
WSON-10
40
Msop Power Pad-8
80
(2)
The
θJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com