Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25101CSD/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101CSD/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101CSD/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM25101CSD/NOPB Datasheet HTML 5Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 6Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 7Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 8Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 9Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 10Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 11Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 12Page - Texas Instruments LM25101CSD/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
0.00
0.50
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
LM25101B
LM25101C
LM25101A
VDD = 12V
7
8
9
10
11
12
13
14
VDD (V)
15
0.1
0.8
0.2
0.3
0.4
0.5
0.6
0.7
LM25101B
LM25101C
LM25101A
IOUT = -100 mA
T_PLH
T_PHL
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
15
25
30
35
40
20
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
0.0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
LM25101B
LM25101C
LM25101A
VDD = 12V
-50 -25
0
25
50
75
100 125 150
TEMPERATURE (°C)
1.80
1.81
1.82
1.83
1.84
1.85
1.86
1.87
1.88
1.89
1.90
1.91
1.92
Rising
Falling
8
9
10
11
12
13
14
15
16
VDD (V)
1.80
1.81
1.82
1.83
1.84
1.85
1.86
1.87
1.88
1.89
1.90
1.91
1.92
Rising
Falling
LM25101A, LM25101B, LM25101C
www.ti.com
SNVS859B – JULY 2012 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
LM25101A/B/C Input Threshold
LM25101A/B/C Input Threshold
vs
vs
Temperature
VDD
Figure 13.
Figure 14.
LM25101A/B/C Propagation Delay
LO & HO Gate Drive - High Level Output Voltage
vs
vs
Temperature
Temperature
Figure 15.
Figure 16.
LO & HO Gate Drive - Low Level Output Voltage
LO & HO Gate Drive - Output High Voltage
vs
vs
Temperature
VDD
Figure 17.
Figure 18.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com