Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP108 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108 Datasheet(HTML) 1 Page - Texas Instruments

  TMP108 Datasheet HTML 1Page - Texas Instruments TMP108 Datasheet HTML 2Page - Texas Instruments TMP108 Datasheet HTML 3Page - Texas Instruments TMP108 Datasheet HTML 4Page - Texas Instruments TMP108 Datasheet HTML 5Page - Texas Instruments TMP108 Datasheet HTML 6Page - Texas Instruments TMP108 Datasheet HTML 7Page - Texas Instruments TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Diode
Temp
Sensor
DS
ADC
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP108
V+
A1
C1
A2
C2
ALERT
GND
A0
B1
B2
SCL
SDA
TMP108
www.ti.com
SBOS663 – APRIL 2013
Low Power Digital Temperature Sensor
With Two-Wire Serial Interface in WCSP
Check for Samples: TMP108
1
FEATURES
DESCRIPTION
TMP108 is a digital-output temperature sensor with a
23
•
Dynamically-Programmable Limit Window with
dynamically-programmable limit window, and under-
Under- and Overtemperature Alerts
and overtemperature alert functions. These features
•
Accuracy:
provide optimized temperature control without the
±0.75°C (max) from –20°C to +85°C
need
of
frequent
temperature
readings
by
the
controller or application processor.
±1°C (max) from –40°C to +125°C
•
Low Quiescent Current:
The
TMP108
features
SMBus™
and
two-wire
6
μA Active (max) from –40°C to +125°C
interface compatibility, and allows up to four devices
on one bus with the SMBus alert function.
•
Supply Range: 1.4 V to 3.6 V
•
Resolution: 12 Bits (0.0625°C)
The TMP108 is ideal for thermal management
optimization in a variety of consumer, computer, and
•
Package: 1.2-mm × 0.8-mm, 6-Ball WCSP
environmental applications. The device is specified
over a temperature range of –40°C to +125°C.
APPLICATIONS
•
Smartphone and Tablet Thermal Management
•
Battery Management
•
Thermostat Control
•
Under- and Overtemperature Protection
•
Environmental Monitoring and HVAC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP108 TI2-TMP108 Datasheet
609Kb / 27P
TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
REVISED SEPTEMBER 2019
TMP108AIYFFR TI2-TMP108AIYFFR Datasheet
609Kb / 27P
TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
REVISED SEPTEMBER 2019
TMP108AIYFFR.B TI2-TMP108AIYFFR.B Datasheet
609Kb / 27P
TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
REVISED SEPTEMBER 2019
TMP108AIYFFT TI2-TMP108AIYFFT Datasheet
609Kb / 27P
TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
REVISED SEPTEMBER 2019
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results

Similar Description - TMP108

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP103 TI-TMP103 Datasheet
472Kb / 23P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com