Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP108 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP108 Datasheet HTML 6Page - Texas Instruments TMP108 Datasheet HTML 7Page - Texas Instruments TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments TMP108 Datasheet HTML 10Page - Texas Instruments TMP108 Datasheet HTML 11Page - Texas Instruments TMP108 Datasheet HTML 12Page - Texas Instruments TMP108 Datasheet HTML 13Page - Texas Instruments TMP108 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TMP108
SBOS663 – APRIL 2013
www.ti.com
HIGH- AND LOW-LIMIT REGISTERS
In comparator mode (TM = '0'), the ALERT pin becomes active when the temperature exceeds the value in the
THIGH register or drops below the value in the TLOW register. The ALERT pin remains active until the temperature
returns to a value that is within the range set by:
(TLOW + HYS) and (THIGH – HYS)
where
•
HYS is the hysteresis set by the hysteresis control bits (HYS1 and HYS0).
(1)
In interrupt mode (TM = '1'), the ALERT pin becomes active when the temperature exceeds the value in the
THIGH register or drops below the value in the TLOW register, and remains active until a read operation of the
configuration register occurs (also clears the values latched in the watchdog flags, FL and FH), or the device
successfully responds to the SMBus alert response address. The ALERT pin is also cleared by resetting the
device with the general call reset command.
Both operational modes are represented in Figure 10 and Figure 11.
Table 9 and Table 10 describe the format for the THIGH and TLOW registers. Note that the most significant byte is
sent first, followed by the least significant byte. Power-up (reset) default values are THIGH = +127.9375°C and
TLOW = –128°C. These values ensure that upon power-up, the limit window is set to maximum, and the ALERT
pin does not become active until the desired limit values are programmed in the registers. Other default values
for the temperature limits are availlable by request. The format of the data for THIGH and TLOW is the same as for
the temperature register.
Table 9. Bytes 1 and 2 of THIGH Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
H3
H2
H1
H0
0
0
0
0
Table 10. Bytes 1 and 2 of TLOW Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
L3
L2
L1
L0
0
0
0
0
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com