Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP451 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 2Page - Texas Instruments TMP451 Datasheet HTML 3Page - Texas Instruments TMP451 Datasheet HTML 4Page - Texas Instruments TMP451 Datasheet HTML 5Page - Texas Instruments TMP451 Datasheet HTML 6Page - Texas Instruments TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments TMP451 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
145
150
155
160
165
170
1.5
2
2.5
3
3.5
4
Supply Voltage (V)
C009
0
0.5
1
1.5
2
2.5
3
1.5
2
2.5
3
3.5
4
Supply Voltage (V)
C010
0
50
100
150
200
250
300
350
0.01
0.1
1
10
100
Conversion Rate (Hz)
C007
0
20
40
60
80
100
120
140
160
180
1
10
100
1000
10000
Clock Frequency (kHz)
C008
TMP451
SBOS686 – JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and V+ = +3.3 V, unless otherwise noted.
Figure 7. QUIESCENT CURRENT vs CONVERSION RATE
Figure 8. SHUTDOWN QUIESCENT CURRENT
vs SCL CLOCK FREQUENCY
Figure 9. QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 10. SHUTDOWN QUIESCENT CURRENT
(At Default Conversion Rate of 16 Conversions per Second)
vs SUPPLY VOLTAGE
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com