Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP451 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 6Page - Texas Instruments TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments TMP451 Datasheet HTML 10Page - Texas Instruments TMP451 Datasheet HTML 11Page - Texas Instruments TMP451 Datasheet HTML 12Page - Texas Instruments TMP451 Datasheet HTML 13Page - Texas Instruments TMP451 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Local and Remote Temperature Registers
I/O
Control
Interface
Pointer Register
Configuration Register
Status Register
Local and Remote Temperature Limit Registers
Conversion Rate Register
Remote Temperature Offset Registers
One-Shot Start Register
Local and Remote THERM Limit Registers
THERM Hysteresis Register
N-factor Correction Register
Consecutive ALERT Register
Digital Filter Register
Manufacturer ID Register
SDA
SCL
TMP451
SBOS686 – JUNE 2013
www.ti.com
REGISTER INFORMATION
The TMP451 contains multiple registers for holding configuration information, temperature measurement results,
and status information. These registers are described in Figure 12 and Table 3.
Pointer Register
Figure 12 shows the internal register structure of the TMP451. The 8-bit pointer register is used to address a
given data register. The pointer register identifies which of the data registers should respond to a read or write
command on the two-wire bus. This register is set with every write command. A write command must be issued
to set the proper value in the pointer register before executing a read command. Table 3 describes the pointer
register and the internal structure of the TMP451 registers. The power-on reset (POR) value of the pointer
register is 00h (0000 0000b).
Figure 12. Internal Register Structure
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com