Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73113 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 73113
Description  P-Channel 60-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

73113 Datasheet(HTML) 3 Page - Vishay Siliconix

  73113 Datasheet HTML 1Page - Vishay Siliconix 73113 Datasheet HTML 2Page - Vishay Siliconix 73113 Datasheet HTML 3Page - Vishay Siliconix 73113 Datasheet HTML 4Page - Vishay Siliconix 73113 Datasheet HTML 5Page - Vishay Siliconix 73113 Datasheet HTML 6Page - Vishay Siliconix 73113 Datasheet HTML 7Page - Vishay Siliconix 73113 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 73113
S09-0271-Rev. C, 16-Feb-09
www.vishay.com
3
Vishay Siliconix
Si7465DP
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
4
8
12
16
20
0
10203040
50
VDS = 30 V
ID = 5 A
Qg - Total Gate Charge (nC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
40
10
1
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
300
600
900
1200
1500
1800
0
102030
405060
VDS - Drain-to-Source Voltage (V)
Crss
oss
Ciss
C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 5 A
TJ - Junction Temperature (°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2468
10
VGS - Gate-to-Source Voltage (V)
ID = 5 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com