Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73113 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 73113
Description  P-Channel 60-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

73113 Datasheet(HTML) 4 Page - Vishay Siliconix

  73113 Datasheet HTML 1Page - Vishay Siliconix 73113 Datasheet HTML 2Page - Vishay Siliconix 73113 Datasheet HTML 3Page - Vishay Siliconix 73113 Datasheet HTML 4Page - Vishay Siliconix 73113 Datasheet HTML 5Page - Vishay Siliconix 73113 Datasheet HTML 6Page - Vishay Siliconix 73113 Datasheet HTML 7Page - Vishay Siliconix 73113 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 73113
S09-0271-Rev. C, 16-Feb-09
Vishay Siliconix
Si7465DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Threshold Voltage
- 0.4
- 0.2
0.0
0.2
0.4
0.6
0.8
1.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
Single Pulse Power, Junction-to-Ambient
0.001
0
1
80
100
20
10
0.01
Time (s)
60
40
0.1
Safe Operating Area
100
1
0.1
1
10
100
0.001
10
TA = 25 °C
Single Pulse
0.1
DS(on)
*
Limited by R
0.01
1 ms
10 ms
100 s, DC
10 µs
100 µs
100 ms
1 s
10 s
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 52 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com