Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP52N25M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP52N25M5
Description  N-channel 250 V, 0.055 廓, 28 A, TO-220 MDmeshTM V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP52N25M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP52N25M5 Datasheet HTML 1Page - STMicroelectronics STP52N25M5 Datasheet HTML 2Page - STMicroelectronics STP52N25M5 Datasheet HTML 3Page - STMicroelectronics STP52N25M5 Datasheet HTML 4Page - STMicroelectronics STP52N25M5 Datasheet HTML 5Page - STMicroelectronics STP52N25M5 Datasheet HTML 6Page - STMicroelectronics STP52N25M5 Datasheet HTML 7Page - STMicroelectronics STP52N25M5 Datasheet HTML 8Page - STMicroelectronics STP52N25M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2010
Doc ID 17776 Rev 1
1/12
12
STP52N25M5
N-channel 250 V, 0.055
Ω, 28 A, TO-220
MDmeshTM V Power MOSFET
Features
■ Amongst the best RDS(on)* area
■ High dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Application
■ Switching applications
Description
This devices is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STP52N25M5
250 V
< 0.065
Ω
28 A
TO-220
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP52N25M5
52N25M5
TO-220
Tube
www.st.com


Similar Part No. - STP52N25M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP52N25M5 ISC-STP52N25M5 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP52N25M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
25-Sep-2008
logo
ON Semiconductor
NTB6413AN ONSEMI-NTB6413AN Datasheet
149Kb / 7P
N-Channel Power MOSFET 100 V, 42 A, 28 m廓
November, 2009 ??Rev. 1
logo
STMicroelectronics
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
N-channel 25 V, 0.0038 Ω, 80 A, DPAK, IPAK, TO-220 STripFET™V Power MOSFET
26-Apr-2010
STW54NM65ND STMICROELECTRONICS-STW54NM65ND Datasheet
550Kb / 13P
N-channel 650 V, 0.055 廓, 49 A TO-247 FDmesh??II Power MOSFET
03-Jun-2011
STB50N25M5 STMICROELECTRONICS-STB50N25M5 Datasheet
903Kb / 14P
N-channel 250 V, 0.065 Ω, 28 A, MDmesh V Power MOSFET in DPAK package
28-Mar-2012
STL52N25M5 STMICROELECTRONICS-STL52N25M5 Datasheet
759Kb / 13P
N-channel 250 V, 0.064, 28 A, PowerFLAT (5x6) MDmesh V Power MOSFET
26-Apr-2011
logo
Kersemi Electronic Co.,...
KSMD4N25 KERSEMI-KSMD4N25 Datasheet
3Mb / 8P
N-Channel MOSFET 250 V, 3 A, 1.75廓
KSMU4N25 KERSEMI-KSMU4N25 Datasheet
3Mb / 8P
N-Channel MOSFET 250 V, 3 A, 1.75廓
logo
STMicroelectronics
STP12N65M2 STMICROELECTRONICS-STP12N65M2 Datasheet
675Kb / 13P
N-channel 650 V, 0.42 typ., 8 A MDmesh™ M2 Power MOSFET in a TO-220 package
November 2017 Rev 1
STP35N65DM2 STMICROELECTRONICS-STP35N65DM2 Datasheet
709Kb / 13P
N-channel 650 V, 0.093 typ., 32 A MDmesh™ DM2 Power MOSFET in a TO-220 package
06-Dec-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com