Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4700-1ARDZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4700-1ARDZ-R7
Description  High Voltage, Precision Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4700-1ARDZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4700-1ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary Technical Data
ADA4700-1
Rev. PrB | Page 7 of 10
VSY = ±5 V ELECTRICAL CHARATERISTICS
VSY = ±5 V, VCM = VSY/2, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.2
2
mV
−40°C < TA < +85°C
2.5
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +85°C
3
μV/°C
Input Bias Current
IB
5
30
nA
−40°C < TA < +85°C
50
nA
Input Offset Current
IOS
2
25
nA
−40°C < TA < +85°C
30
nA
Input Voltage Range
IVR
−40°C < TA < +85°C
−2
+2
V
Common-Mode Rejection Ratio
CMRR
−2 V ≤VCM ≤+2 V
86
89
dB
−40°C < TA < +85°C
86
dB
Large Signal Voltage Gain
AVO
−2 V< VOUT < +2 V, RL=2kΩ
97
99
dB
−40°C < TA < +85°C
95
dB
Input Capacitance
Common-Mode
CINCM
TBD
pF
Differential
CINDM
TBD
pF
Input Resistance
RIN
Common mode and differential mode
TBD
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to GND
3.4
3.6
V
−40°C < TA < +85°C
3.2
V
Output Voltage Low
VOL
RL = 2 kΩ to GND
−3.6
-3.4
V
−40°C < TA < +85°C
-3.2
V
Capacitive Load Drive
CL
AV = +1
TBD
nF
AV = +10
TBD
nF
Short Circuit Limit
ISC
Sourcing and sinking
TBD
±75
mA
Closed-Loop Impedance
Zout
f = 10 MHz, AV = +1
TBD
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±55 V
110
130
dB
−40°C to +85°C
110
dB
Supply Current per Amplifier
ISY
VO = VS/2
1.5
2
mA
−40°C < TA < +85°C
2.2
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
V0 = TBD V step, RL = 2 kΩ, CL = 100 pF
TBD
V/μs
Gain Bandwidth Product
GBP
VIN = 5 mV p-p, AV = +100
2.5
MHz
Unity Gain Crossover
UGC
VIN = 5 mV p-p, AV = +1
TBD
MHz
−3 dB Bandwidth
−3 dB
VIN = 5 mV p-p, AV = −1
TBD
MHz
Phase Margin
ΦM
VIN = 5 mV p-p, RL = 1MΩ, CL = 35 pF; AV=-1
65
Degrees
Settling Time to 0.1%
tS
VIN = 6 V p-p, RL = 10 kΩ, CL = 5 pF, AV = -1
TBD
μs
NOISE PERFORMANCE
Total Harmonic Distortion + Noise
THD + N
G= +1, VIN = 3Vp-p at 1 kHz; RL = 10k
Bandwidth = 80 kHz
TBD
%
Bandwidth = 500 kHz
TBD
%
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
TBD
μV p-p
Voltage Noise Density
en
f = 1 kHz
13
nV/√Hz
Current Noise Density
in
f = 1 kHz
TBD
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com