Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4700-1ARDZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4700-1ARDZ-R7
Description  High Voltage, Precision Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4700-1ARDZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4700-1ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADA4700-1
Preliminary Technical Data
Rev. PrB | Page 10 of 10
OUTLINE DIMENSIONS
Figure 3. 8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
Narrow Body
(RD-8-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package
Option
Branding
ADA4700-1ARDZ
−40°C to +85°C
8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-2
??
ADA4700-1ARDZ-R7
−40°C to +85°C
8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-2
ADA4700-1ARDZ-RL
−40°C to +85°C
8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-2
1 Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MS-012-A A
1.27
0.40
1.75
1.35
2.41
0.356
0.457
4.00
3.90
3.80
6.20
6.00
5.80
5.00
4.90
4.80
0.10 MAX
0.05 NOM
3.81 REF
0.25
0.17
0.50
0.25
45°
COPLANARITY
0.10
1.04 REF
8
1
4
5
1.27 BSC
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
BOTTOM VIEW
TOP VIEW
0.51
0.31
1.65
1.25
3.098
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR11551-0-6/13(PrB)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com