Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2003 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS2003
Description  The DS2003 comprises seven high voltage, high current NPN Darlington transistor pairs.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS2003 Datasheet(HTML) 1 Page - Texas Instruments

  DS2003 Datasheet HTML 1Page - Texas Instruments DS2003 Datasheet HTML 2Page - Texas Instruments DS2003 Datasheet HTML 3Page - Texas Instruments DS2003 Datasheet HTML 4Page - Texas Instruments DS2003 Datasheet HTML 5Page - Texas Instruments DS2003 Datasheet HTML 6Page - Texas Instruments DS2003 Datasheet HTML 7Page - Texas Instruments DS2003 Datasheet HTML 8Page - Texas Instruments DS2003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IN A
IN B
IN C
IN D
IN E
IN F
IN G
GND
OUT A
OUT B
OUT C
OUT D
OUT E
OUT F
OUT G
COMMON
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
B
C
D
E
F
G
DS2003
www.ti.com
SNLS394J – JANUARY 2000 – REVISED APRIL 2013
DS2003 High Current/Voltage Darlington Drivers
Check for Samples: DS2003
1
FEATURES
DESCRIPTION
The DS2003 comprises seven high voltage, high
2
•
Seven High Gain Darlington Pairs
current NPN Darlington transistor pairs. All units
•
High Output Voltage (VCE = 50V)
feature a common emitter and open collector outputs.
•
High Output Current (IC = 350 mA)
To maximize their effectiveness, these units contain
suppression
diodes
for
inductive
loads
and
•
TTL, PMOS, CMOS Compatible
appropriate emitter base resistors for leakage.
•
Suppression Diodes for Inductive Loads
The DS2003 has a series base resistor to each
•
Extended Temperature Range
Darlington pair, thus allowing operation directly with
TTL or CMOS operating at supply voltages of 5.0V.
The DS2003 offers solutions to a great many
interface needs, including solenoids, relays, lamps,
small motors, and LEDs. Applications requiring sink
currents beyond the capability of a single output may
be accommodated by paralleling the outputs.
Connection Diagram
Top View
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS2003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS2003 NSC-DS2003 Datasheet
194Kb / 6P
High Current/Voltage Darlington Drivers
DS2003 NSC-DS2003 Datasheet
160Kb / 8P
High Current/Voltage Darlington Drivers
DS2003 NSC-DS2003 Datasheet
317Kb / 5P
HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
DS2003C NSC-DS2003C Datasheet
160Kb / 8P
High Current/Voltage Darlington Drivers
DS2003CJ NSC-DS2003CJ Datasheet
160Kb / 8P
High Current/Voltage Darlington Drivers
More results

Similar Description - DS2003

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
High Voltage, High Current Darlington Transistor Array
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
logo
Central Semiconductor C...
CZTA27 CENTRAL-CZTA27 Datasheet
65Kb / 2P
NPN HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
Texas Instruments
DS2003CMX TI-DS2003CMX Datasheet
802Kb / 13P
DS2003 High Current/Voltage Darlington Drivers
SN75424N TI-SN75424N Datasheet
112Kb / 7P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com