Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9600AE Datasheet(PDF) 7 Page - Integrated Device Technology

Part # MPC9600AE
Description  Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9600AE Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button MPC9600AE Datasheet HTML 3Page - Integrated Device Technology MPC9600AE Datasheet HTML 4Page - Integrated Device Technology MPC9600AE Datasheet HTML 5Page - Integrated Device Technology MPC9600AE Datasheet HTML 6Page - Integrated Device Technology MPC9600AE Datasheet HTML 7Page - Integrated Device Technology MPC9600AE Datasheet HTML 8Page - Integrated Device Technology MPC9600AE Datasheet HTML 9Page - Integrated Device Technology MPC9600AE Datasheet HTML 10Page - Integrated Device Technology MPC9600AE Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MPC9600 REVISION 6 JANUARY 7, 2013
7
©2013 Integrated Device Technology, Inc.
MPC9600 Data Sheet
LOW VOLTAGE, 2.5V AND 3.3V LVCMOS PLL CLOCK DRIVER
APPLICATIONS INFORMATION
Programming the MPC9600
The MPC9600 clock driver outputs can be configured into
several divider modes. Additionally the external feedback of the
device allows for flexibility in establishing various input to output
frequency relationships. The selectable feedback divider of the
three output groups allows the user to configure the device for 1:2,
1:3, 1:4 and 1:6 input:output frequency ratios. The use of even
dividers ensure that the output duty cycle is always 50%. Table 8
illustrates the various output configurations, the table describes
the outputs using the input clock frequency CLK as a reference.
The feedback divider division settings establish the output
relationship, in addition, it must be ensured that the VCO will be
stable given the frequency of the outputs desired. The feedback
frequency should be used to situate the VCO into a frequency
range in which the PLL will be stable. The design of the PLL
supports output frequencies from 50 MHz to 200 MHz while the
VCO frequency range is specified from 200 MHz to 400 MHz and
should not be exceeded for stable operation.
Table 8. Output Frequency Relationship(1) for QFB Connected to FB_IN
1. Output frequency relationship with respect to input reference frequency CLK. The VCO frequency range is always 200–400.
Configuration Inputs
Input Frequency
Range CLK
[MHz]
Output Frequency Ratio and Range
FSEL_FB
FSELA
FSELB
FSELC
Ratio, QAx [MHz]
Ratio, QBx [MHz]
Ratio, QCx [MHz]
0
0
0
0
25.0–50.0
4•CLK (100–200)
4•CLK (100–200)
4•CLK
(100–200)
0
0
0
1
4•CLK (100–200)
4•CLK (100–200)
2•CLK (50.0–100)
0
0
1
0
4•CLK (100–200)
2•CLK (50.0–100)
4•CLK
(100–200)
0
0
1
1
4•CLK (100–200)
2•CLK (50.0–100)
2•CLK (50.0–100)
0
1
0
0
2•CLK (50.0–100)
4•CLK (100–200)
4•CLK
(100–200)
0
1
0
1
2•CLK (50.0–100)
4•CLK (100–200)
2•CLK (50.0–100)
0
1
1
0
2•CLK (50.0–100)
2•CLK (50.0–100)
4•CLK
(100–200)
0
1
1
1
2•CLK (50.0–100)
2•CLK (50.0–100)
2•CLK (50.0–100)
1
0
0
0
16.67–33.33
6•CLK (100–200)
6•CLK (100–200)
6•CLK
(100–200)
1
0
0
1
6•CLK (100–200)
6•CLK (100–200)
3•CLK (50.0–100)
1
0
1
0
6•CLK (100–200)
3•CLK (50.0–100)
6•CLK
(100–200)
1
0
1
1
6•CLK (100–200)
3•CLK (50.0–100)
3•CLK (50.0–100)
1
1
0
0
3•CLK (50.0–100)
6•CLK (100–200)
6•CLK
(100–200)
1
1
0
1
3•CLK (50.0–100)
6•CLK (100–200)
3•CLK (50.0–100)
1
1
1
0
3•CLK (50.0–100)
3•CLK (50.0–100)
6•CLK
(100–200)
1
1
1
1
3•CLK (50.0–100)
3•CLK (50.0–100)
3•CLK (50.0–100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com