Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9600AE Datasheet(PDF) 8 Page - Integrated Device Technology

Part # MPC9600AE
Description  Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9600AE Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button MPC9600AE Datasheet HTML 4Page - Integrated Device Technology MPC9600AE Datasheet HTML 5Page - Integrated Device Technology MPC9600AE Datasheet HTML 6Page - Integrated Device Technology MPC9600AE Datasheet HTML 7Page - Integrated Device Technology MPC9600AE Datasheet HTML 8Page - Integrated Device Technology MPC9600AE Datasheet HTML 9Page - Integrated Device Technology MPC9600AE Datasheet HTML 10Page - Integrated Device Technology MPC9600AE Datasheet HTML 11Page - Integrated Device Technology MPC9600AE Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MPC9600 REVISION 6 JANUARY 7, 2013
8
©2013 Integrated Device Technology, Inc.
MPC9600 Data Sheet
LOW VOLTAGE, 2.5V AND 3.3V LVCMOS PLL CLOCK DRIVER
Figure 3. Configuration for 126 MHz Clocks
Figure 4. Configuration for 133.3/66.67 MHz Clocks
Table 9. Typical and Maximum Period Jitter Specification
Device Configuration
QA0 to QA6
QB0 to QB6
QC0 to QC6
TypMax
TypMax
TypMax
All output banks in
2 or 4 divider configuration(1)
2 (FSELA = 0 and FESLB = 0 and FSELC = 0)
4 (FSELA = 1 and FESLB = 1 and FSELC = 1)
1. In this configuration, all MPC9600 outputs generate the same clock frequency. See Figure 3 for an example configuration.
25
20
50
70
50
50
70
100
25
20
50
70
Mixed
2/4 divider configurations(2)
for output banks in
2 divider configurations
for output banks in
4 divider configurations
2. Multiple frequency generation. Jitter data are specified for each output divider separately. See Figure 7 for an example.
80
25
130
70
100
60
150
100
80
25
130
70
Table 10. Typical and Maximum Cycle-to-Cycle Jitter Specification
Device Configuration
QA0 to QA6
QB0 to QB6
QC0 to QC6
TypMax
TypMax
TypMax
All output banks in
2 or 4 divider configuration(1)
2 (FSELA = 0 and FESLB = 0 and FSELC = 0)
4 (FSELA = 1 and FESLB = 1 and FSELC = 1)
1. In this configuration, all MPC9600 outputs generate the same clock frequency.
40
40
90
110
80
120
130
180
40
40
90
110
Mixed
2/ 4 divider configurations(2)
for output banks in
 2 divider configurations
for output banks in
 4 divider configurations
2. Multiple frequency generation. Jitter data are specified for each output divider separately.
150
30
250
110
200
120
280
180
150
30
250
110
MPC9600
fref = 20.833 MHz
125 MHz
125 MHz
20.833 MHz (Feedback)
125 MHz
CCLK
FB_IN
FSEL_FB
FSELA
FSELB
FSELC
QA0–6
QB0–6
QC0–6
QFB
7
7
7
1
0
0
0
Frequency Range
Min
Max
Input
16.67 MHz
33.33 MHz
QA outputs
100 MHz
200 MHz
QB outputs
100 MHz
200 MHz
QC outputs
100 MHz
200 MHz
Frequency Range
Min
Max
Input
25 MHz
50 MHz
QA outputs
100 MHz
200 MHz
QB outputs
100 MHz
200 MHz
QC outputs
100 MHz
200 MHz
MPC9600
fref = 33.33 MHz
133.3 MHz
66.67 MHz
33.33 MHz (Feedback)
66.67 MHz
CCLK
FB_IN
FSEL_FB
FSELA
FSELB
FSELC
QA0–6
QB0–6
QC0–6
QFB
7
7
7
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com