Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC92432 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MPC92432
Description  1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC92432 Datasheet(HTML) 2 Page - Integrated Device Technology

  MPC92432 Datasheet HTML 1Page - Integrated Device Technology MPC92432 Datasheet HTML 2Page - Integrated Device Technology MPC92432 Datasheet HTML 3Page - Integrated Device Technology MPC92432 Datasheet HTML 4Page - Integrated Device Technology MPC92432 Datasheet HTML 5Page - Integrated Device Technology MPC92432 Datasheet HTML 6Page - Integrated Device Technology MPC92432 Datasheet HTML 7Page - Integrated Device Technology MPC92432 Datasheet HTML 8Page - Integrated Device Technology MPC92432 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Advanced Clock Drivers Devices
2
Freescale Semiconductor
MPC92432
Figure 1. MPC92432 — Generic Logic Diagram
Figure 2. 48-Lead Package Pinout (Top View)
÷P
XTAL
PLL
÷NB
÷NA
÷M
fREF
fVCO
fQA
fQB
REF_CLK
XTAL1
XTAL2
REF_SEL
TEST_EN
SDA
SCL
ADR[1:0]
PLOAD
M[9:0]
NA[2:0]
NB
P
CLK_STOPx
BYPASS
MR
QA
QB
LOCK
PLL
Configuration
Registers
I2C Control
It is recommended to use an external
RC filter for the analog VCC_PLL supply
pin. Please see the application section
for details.
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
101112
37
38
39
40
41
42
43
44
45
46
47
48
MPC92432
M9
M8
M7
M6
M5
GND
M4
M3
M2
M1
M0
VCC
GND
NA2
NA1
NA0
PLOAD
VCC
MR
SDA
SCL
ADR1
ADR0
P
MPC92432
1360 MHz Dual Output LVPECL Clock Synthesizer
NETCOM
IDT™ 1360 MHz Dual Output LVPECL Clock Synthesizer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC92432
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com