Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC92432 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # MPC92432
Description  1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC92432 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button MPC92432 Datasheet HTML 9Page - Integrated Device Technology MPC92432 Datasheet HTML 10Page - Integrated Device Technology MPC92432 Datasheet HTML 11Page - Integrated Device Technology MPC92432 Datasheet HTML 12Page - Integrated Device Technology MPC92432 Datasheet HTML 13Page - Integrated Device Technology MPC92432 Datasheet HTML 14Page - Integrated Device Technology MPC92432 Datasheet HTML 15Page - Integrated Device Technology MPC92432 Datasheet HTML 16Page - Integrated Device Technology MPC92432 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
13
MPC92432
Frequency Operating Range
Table 21. MPC92432 Frequency Operating Range for P = 2
fVCO [MHz] (Parameter: fREF in MHz)
Output Frequency for fXTAL = 16 MHz (Parameter N)
M
M[9:0]
15
16
18
20
2
4
8
16
32
64
170
0010101010
1360
1530
1700
680
340
170
85
42.50
21.25
180
0010110100
1440
1620
1800
720
360
180
90
45.00
22.50
190
0010111110
1425
1520
1710
1900
760
380
190
95
47.50
23.75
200
0011001000
1500
1600
1800
2000
800
400
200
100
50.00
25.00
210
0011010010
1575
1680
1890
2100
840
420
210
105
52.50
26.25
220
0011011100
1650
1760
1980
2200
880
440
220
110
55.00
27.50
230
0011100110
1725
1840
2070
2300
920
460
230
115
57.50
28.75
240
0011110000
1800
1920
2160
2400
960
480
240
120
60.00
30.00
250
0011111010
1875
2000
2250
2500
1000
500
250
125
62.50
31.25
260
0100000100
1950
2080
2340
2600
1040
520
260
130
65.00
32.50
270
0100001110
2025
2160
2430
2700
1080
540
270
135
67.50
33.75
280
0100011000
2100
2240
2520
1120
560
280
140
70.00
35.00
290
0100100010
2175
2320
2610
1160
580
290
145
72.50
36.25
300
0100101100
2250
2400
2700
1200
600
300
150
75.00
37.50
310
0100110110
2325
2480
1240
620
310
155
77.50
38.75
320
0101000000
2400
2560
1280
640
320
160
80.00
40.00
330
0101001010
2475
2640
1320
660
330
165
82.50
41.25
340
0101010100
2550
2720
1360
680
340
170
85.00
42.50
MPC92432
1360 MHz Dual Output LVPECL Clock Synthesizer
NETCOM
IDT™ 1360 MHz Dual Output LVPECL Clock Synthesizer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC92432
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com