Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220EB Datasheet(PDF) 10 Page - Exar Corporation

Part # SP3220EB
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220EB Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP3220EB Datasheet HTML 6Page - Exar Corporation SP3220EB Datasheet HTML 7Page - Exar Corporation SP3220EB Datasheet HTML 8Page - Exar Corporation SP3220EB Datasheet HTML 9Page - Exar Corporation SP3220EB Datasheet HTML 10Page - Exar Corporation SP3220EB Datasheet HTML 11Page - Exar Corporation SP3220EB Datasheet HTML 12Page - Exar Corporation SP3220EB Datasheet HTML 13Page - Exar Corporation SP3220EB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_101_060311
(tri-stated) and the charge pump is turned
off with V+ pulled down to Vcc and V- pulled
to GND. The time required to exit shutdown
is typically 100ms. Connect SHDN to Vcc if
the shutdown mode is not used. SHDN has
no effect on RxOUT. Note that the driver is
enabled only when the magnitude of V- ex-
ceeds approximately 3V.
Receiver
The receiver converts EIA/TIA-232 levels
to TTL or CMOS logic output levels. The
receiver has an inverting high-impedance
output. This receiver output (RxOUT) is at
high-impedance when the enable control
EN = HIGH. In the shutdown mode, the
receiver can be active or inactive. EN has
no effect on TxOUT. The truth table logic
of the
SP3220E/EB/EU driver and receiver
outputs can be found in Table 2.
Table 2. SP3220E/EB/EU Truth Table Logic for
Shutdown and Enable Control
Figure 12. SP3220E/EB/EU Driver Loopback Test
Circuit
Since receiver input is usually from a trans-
mission line where long cable lengths and
system interference can degrade the signal,
the inputs have a typical hysteresis margin
of 300mV. This ensures that the receiver
is virtually immune to noisy transmission
lines. Should an input be left unconnected,
an internal 5KΩ pulldown resistor to ground
will commit the output of the receiver to a
HIGH state.
Figure 14. SP3220EU Loopback Test results at
1Mbps
Figure 13. SP3220EB Loopback Test results at
250kbps
SP3220
E/EB/EU
GND
TxIN
TxOUT
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1
0.1
+
C2
C5
C1
+
+
C3
C4
+
+
0.1
0.1
LOGIC
INPUTS
VCC
5kΩ
RxIN
RxOUT
LOGIC
OUTPUTS
EN
*SHDN
(SP3220EU 250pF)
(SP3220E/EB 1000pF)
VCC
µF
µF
µF
µF
SHDN
EN
TxOUT
RxOUT
0
0
Tri-state
Active
0
1
Tri-state
Tri-state
1
0
Active
Active
1
1
Active
Tri-state
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com