Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220EB Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3220EB
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220EB Datasheet(HTML) 4 Page - Exar Corporation

  SP3220EB Datasheet HTML 1Page - Exar Corporation SP3220EB Datasheet HTML 2Page - Exar Corporation SP3220EB Datasheet HTML 3Page - Exar Corporation SP3220EB Datasheet HTML 4Page - Exar Corporation SP3220EB Datasheet HTML 5Page - Exar Corporation SP3220EB Datasheet HTML 6Page - Exar Corporation SP3220EB Datasheet HTML 7Page - Exar Corporation SP3220EB Datasheet HTML 8Page - Exar Corporation SP3220EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_101_060311
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rate, all
drivers loaded with 3kΩ, 0.1µF charge pump capacitors, and T
AMB = +25°C.
Figure 2. Transmitter Output Voltage vs Load
Capacitance for the SP3220EB.
Figure 1. Icc vs Load Capacitance for the
SP3220EB.
30
25
20
15
10
5
0
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
125Kbps
20Kbps
60Kbps
T1 at Full Data Rate
T2 at 1/16 Full Data Rate
T1+T2 Loaded with 3k/CLoad
Figure 3. Transmitter Output Voltage vs Supply
Voltage for the SP3220EB.
TYPICAL PERFORMANCE CHARACTERISTICS
6
4
2
0
-2
-4
-6
0
1000
2000
3000
4000
5000
TxOUT+
TxOUT-
Load Capacitance (pF)
T1 at 250Kbps
2.7
3
3.5
4
4.5
5
Supply V oltage (V)
6
4
2
0
-2
-4
-6
TxOUT+
TxOUT-
Figure 4. Supply Current vs Supply Voltage for the
SP3220EB.
12
10
8
6
4
2
0
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
T1 Loaded with 3K // 1000pf @ 250Kbps
Figure 5. Slew Rate vs Load Capacitance for the
SP3220EB.
Figure 6. Supply Current vs Supply Voltage for the
SP3220EU.
25
20
15
10
5
0 0
500 1000
2000 3000 4000 5000
Load Capacitance (pF)
- Slew
+ Slew
40
30
20
10
0
0
250
500
1000 2000 3000 4000
Load Capacitance (pF)
500Kbps
1Mbps
2Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com