Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGN60N60C2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGN60N60C2
Description  HiPerFASTTM IGBTs with Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGN60N60C2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGN60N60C2 Datasheet HTML 1Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 2Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 3Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 4Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
GE(th)
I
C
= 250μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES
650
μA
V
GE = 0V
T
J = 125°C
5
mA
I
GES
V
CE = 0V, VGE = ±20V
±100
nA
V
CE(sat)
I
C
= 50A, V
GE = 15V, Note 1
2.1
2.5
V
T
J = 125°C
1.8
V
HiPerFASTTM IGBTs
with Diode
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
600
V
V
CGR
T
J
= 25°C to 150°C, R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C (Limited by Leads)
75
A
I
C110
T
C
= 110°C
60
A
I
CM
T
C
= 25°C, 1 ms
300
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 100
A
(RBSOA)
Clamped Inductive Load
@ V
CE ≤ 600
V
P
C
T
C
= 25°C
480
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in.
Terminal Connection Torque (M4)
1.3/11.5
Nm/lb.in.
Weight
30
g
DS99177A(01/09)
IXGN60N60C2
IXGN60N60C2D1
C2-Class High Speed IGBTs
Features
International Standard Package
miniBLOC
Aluminium Nitride Isolation
- High Power Dissipation
Anti-Parallel Ultra Fast Diode
Isolation Voltage 3000 V~
Low V
CE(sat) for Minimum On-State
Conduction Losses
MOS Gate Turn-on
- Drive Simplicity
Low Collector-to-Case Capacitance
(< 50 pF)
Low Package Inductance (< 5 nH)
- Easy to Drive and to Protect
Applications
AC Motor Speed Control
DC Servo and Robot Drives
DC Choppers
Uninterruptible Power Supplies (UPS)
Switch-Mode and Resonant-Mode
Power Supplies
Advantages
Easy to Mount with 2 Screws
Space Savings
High Power Density
V
CES
= 600V
I
C110
= 60A
V
CE(sat) ≤
≤≤≤≤ 2.5V
t
rr
= 35ns
SOT-227B, miniBLOC
G = Gate, C = Collector, E = Emitter
Either Emitter Terminal can be used as
Main or Kelvin Emitter
G
E
E
C
E153432
E
E
60C2D1
60C2


Similar Part No. - IXGN60N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN60N60C2D1 IXYS-IXGN60N60C2D1 Datasheet
156Kb / 5P
HiPerFASTTM IGBTs with Diode
More results

Similar Description - IXGN60N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH30B60BD1 IXYS-IXGH30B60BD1 Datasheet
114Kb / 5P
HiPerFASTTM IGBT with Diode
IXSH24N60U1 IXYS-IXSH24N60U1 Datasheet
37Kb / 2P
HiPerFASTTM IGBT with Diode
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGK60N60C2D1 IXYS-IXGK60N60C2D1 Datasheet
620Kb / 5P
HiPerFASTTM IGBT with Diode
IXGH40N60C2D1 IXYS-IXGH40N60C2D1 Datasheet
175Kb / 6P
HiPerFASTTM IGBTs w/ Diode
IXGR40N60C2 IXYS-IXGR40N60C2 Datasheet
183Kb / 6P
HiPerFASTTM IGBT ISOPLUS247TM C2-Class High Speed IGBTs
IXGN60N60C2D1 IXYS-IXGN60N60C2D1 Datasheet
156Kb / 5P
HiPerFASTTM IGBTs with Diode
IXGR32N90B2D1 IXYS-IXGR32N90B2D1 Datasheet
205Kb / 7P
HiPerFASTTM IGBT with Fast Diode
IXGX40N60BD1 IXYS-IXGX40N60BD1 Datasheet
99Kb / 2P
HiPerFASTTM IGBT with Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com