Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK105 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 59Page - Texas Instruments TLK105 Datasheet HTML 60Page - Texas Instruments TLK105 Datasheet HTML 61Page - Texas Instruments TLK105 Datasheet HTML 62Page - Texas Instruments TLK105 Datasheet HTML 63Page - Texas Instruments TLK105 Datasheet HTML 64Page - Texas Instruments TLK105 Datasheet HTML 65Page - Texas Instruments TLK105 Datasheet HTML 66Page - Texas Instruments TLK105 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
TLK105
TLK106
www.ti.com
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
Table 8-25. RMII Control and Status Register (RCSR), address 0x0017 (continued)
BIT
NAME
DEFAULT
DESCRIPTION
4
RMII Revision
0,RW
RMII Revision Select:
Select
1 = (RMII revision 1.0) CRS_DV will remain asserted until final data is transferred.
CRS_DV will not toggle at the end of a packet.
0 = (RMII revision 1.2) CRS_DV will toggle at the end of a packet to indicate de-
assertion of CRS.
3
RMII OVFL Status
0,COR
RX FIFO Over Flow Status:
1 = Normal
0 = Overflow detected
2
RMII OVFL Status
0,COR
RX FIFO Under Flow Status:
1 = Normal
0 = Underflow detected
1:0
ELAST_FUB
<01>,RW
Receive Elasticity Buffer Size:
This field controls the Receive Elasticity Buffer which allows for frequency variation
tolerance between the 50MHz RMII clock and the recovered data. The following values
indicate the tolerance in bits for a single packet. The minimum setting allows for standard
Ethernet frame sizes at ±50ppm accuracy for both RMII and Receive clocks. For greater
frequency tolerance the packet lengths may be scaled (for ±100ppm, divide the packet
lengths by 2).
00 = 14 bit tolerance (up to 16800 byte packets)
01 = 2 bit tolerance (up to 2400 byte packets)
10 = 6 bit tolerance (up to 7200 byte packets)
11 = 10 bit tolerance (up to 12000 byte packets)
Copyright © 2012–2013, Texas Instruments Incorporated
Register Block
63
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com