Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK105 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 62Page - Texas Instruments TLK105 Datasheet HTML 63Page - Texas Instruments TLK105 Datasheet HTML 64Page - Texas Instruments TLK105 Datasheet HTML 65Page - Texas Instruments TLK105 Datasheet HTML 66Page - Texas Instruments TLK105 Datasheet HTML 67Page - Texas Instruments TLK105 Datasheet HTML 68Page - Texas Instruments TLK105 Datasheet HTML 69Page - Texas Instruments TLK105 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
Table 8-29. BIST Control and Status Register 1 (BICSR1), address 0x001B (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
7:0
BIST IPG
<0111 1101>,
BIST IPG Length:
Length
RW
Inter Packet Gap (IPG) Length defines the size of the gap (in bytes) between any 2 successive
packets generated by the BIST. Default value is 0x7D which is equal to 125 bytes
8.15 BIST Control and Status Register2 (BICSR2)
This register allows programming the length of the generated packets in bytes for the BIST mechanism.
Table 8-30. BIST Control and Status Register 2 (BICSR2), address 0x001C
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:11
RESERVED
<0000 0>,
RESERVED: Writes ignored, read as 0.
RO
10:0
BIST Packet
0X5DC,RW
BIST Packet Length:
Length
Length of the generated BIST packets. The value of this register defines the size (in bytes) of
every packet that generated by the BIST. Default value is 0x5DC which is equal to 1500 bytes
66
Register Block
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com