Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAXLC6-1BU2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ESDAXLC6-1BU2
Description  Single-line bidirectional ESD protection for high speed interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC6-1BU2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ESDAXLC6-1BU2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 9Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Recommendation on PCB assembly
ESDAXLC6-1BU2
8/10
Doc ID 023702 Rev 1
4.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
3.5 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is
recommended during solder paste printing, pick and place and reflow soldering by
using optimized tools.
4.4
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.
4.5
Reflow profile
Figure 13.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
60 sec
(90 max)
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-2 °C/s to
-3 °C/s
-6 °C/s max
240-245 °C
2 - 3 °C/s
0.9 °C/s
Temperature (°C)
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com