Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAXLC6-1BU2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDAXLC6-1BU2
Description  Single-line bidirectional ESD protection for high speed interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC6-1BU2 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDAXLC6-1BU2 Datasheet HTML 1Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC6-1BU2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ESDAXLC6-1BU2
Package information
Doc ID 023702 Rev 1
5/10
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
Product marking may be rotated by multiples of 180° for assembly plant differentiation. In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Table 3.
ST0201 dimensions
Ref
Dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.23
0.28
0.33 0.009 0.011 0.013
b1
0.13
0.18
0.23 0.005 0.007 0.009
b2
0.14
0.19
0.24 0.006 0.007 0.009
D
0.55
0.60
0.65 0.022 0.024 0.026
E
0.25
0.30
0.35 0.010 0.012 0.014
e
-
0.35
-
-
0.014
-
L1
0.20
0.25
0.30 0.008 0.010 0.012
L2
0.20
0.25
0.30 0.008 0.010 0.012
Figure 9.
Footprint (dimensions in mm) Figure 10.
Marking
D
E
A
b1
b1
b2
b2
e
e
L2
L2
L1
L1
Top
Side
Bottom
Pin 2 available in different forms
Pin 2
Bottom
0.425
0.20
0.30
0.425
1.05
Pin2
Pin 1
Z2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com