Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT34B Datasheet(PDF) 4 Page - Littelfuse

Part # HT34B
Description  Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HT34B Datasheet(HTML) 4 Page - Littelfuse

  HT34B Datasheet HTML 1Page - Littelfuse HT34B Datasheet HTML 2Page - Littelfuse HT34B Datasheet HTML 3Page - Littelfuse HT34B Datasheet HTML 4Page - Littelfuse HT34B Datasheet HTML 5Page - Littelfuse HT34B Datasheet HTML 6Page - Littelfuse HT34B Datasheet HTML 7Page - Littelfuse HT34B Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
340
Revised: July 9, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional DIAC Trigger
HTxxx & HTMxxx & STxxx Series
Figure 6: Circuit Used to Measure DIAC
Characteristics (Refer to Figure 4)
Figure 7: Peak Output Current vs.Triggering
Capacitance (Per Figure 5 with R
L of 20 Ω)
120 V rms
60 Hz
47 k
D.U.T.
R
L
20
1%
V
C
100 k
*
C
T
I
L
0.1 μF
*Adjust for one firing in each half cycle. D.U.T. = Diac
Triggering Capacitance (C
T) – μF
0
50
100
150
200
250
300
.01
.02
.03
.04
.05
.06
.07
.08
.09
.10
Typical
(35
V Device)
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 190 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60 – 150 seconds
PeakTemperature (T
P)
260 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com