Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT34B Datasheet(PDF) 1 Page - Littelfuse

Part # HT34B
Description  Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HT34B Datasheet(HTML) 1 Page - Littelfuse

  HT34B Datasheet HTML 1Page - Littelfuse HT34B Datasheet HTML 2Page - Littelfuse HT34B Datasheet HTML 3Page - Littelfuse HT34B Datasheet HTML 4Page - Littelfuse HT34B Datasheet HTML 5Page - Littelfuse HT34B Datasheet HTML 6Page - Littelfuse HT34B Datasheet HTML 7Page - Littelfuse HT34B Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
337
©2008 Littelfuse, Inc.
Revised: July 9, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
337
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
HTxxx & HTMxxx & STxxx Series
Standard Bidirectional DIAC Trigger
HTxxx & HTMxxx & STxxx Series
The HTM, HT, and ST series of bilateral trigger DIACs offer
a range of voltage characteristics from 27V to 70V. A DIAC
semiconductor is a full-wave or bidirectional Thyristor. It is
triggered from a blocking state to a conduction state for
either polarity of applied voltage whenever the amplitude of
applied voltage exceeds the breakover voltage of the DIAC.
Description
Features & Benefits
compliant
junctions
selections
junction contamination
ST Series:
(DO-214)
bonded die attachment
HTM/HT Series:
package
Schematic Symbol
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Max
Unit
I
TRM
Pulse On-State Current
120PPS, T
A ≤ 40°C
pulse width = 10 μS
2
A
1.5(*)
T
S
Storage Temperature Range
-40
+125
°C
T
J
Operating Junction Temperature
-40
+125
°C
P
D(AV)
Device Power Dissipation
T
A = -40°C to +40°C
See Product
Selector Table
mW
(*)Only Applies to HT-60
Notes:
1. Service Dissipation (at T
A= -40°C to +40°C): 250mW for DO-35 and MINIMELF/SOD-80
and 300mW for DO214
2. Above +40°C, Derate: 3.6mW/°C for DO-35 and MINIMELF/SOD-80
and 3mW/°C for DO214
DIACs are used to trigger Triacs and SCRs in phase control
circuits for lamp dimming, universal motor speed control,
and heat control. They are used also for triggering
transistors in solid state ballast lighting controls.
Applications


Similar Part No. - HT34B

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
HT34-474 AMP-HT34-474 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
HT34-474 AMP-HT34-474 Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
HT34-476 AMP-HT34-476 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
HT34-476 AMP-HT34-476 Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
HT34-478 AMP-HT34-478 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
More results

Similar Description - HT34B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
Teccor짰 brand Protection Thyristors
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
Teccor짰 brand Thyristors
HT32 LITTELFUSE-HT32 Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
Teccor짰 brand Thyristors Standard Bidirectional SIDACs
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
Teccor짰 brand Thyristors
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
ST36A LITTELFUSE-ST36A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com