Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 108Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 109Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 110Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 111Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 112Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 113Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 114Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 115Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 166 page
background image
Instruction set
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
112/166
Doc ID 8349 Rev 5
12.1.2
Immediate
Immediate instructions have two bytes: The first byte contains the opcode and the second
byte contains the operand value.
.
12.1.3
Direct
In Direct instructions, the operands are referenced by their memory address. The direct
addressing mode consists of two submodes:
●
Direct (short)
The address is a byte, thus requiring only one byte after the opcode, but only allows
00 - FF addressing space.
●
Direct (long)
The address is a word, thus allowing 64 Kbyte addressing space, but requires 2 bytes
after the opcode.
12.1.4
Indexed (no offset, short, long)
In this mode, the operand is referenced by its memory address, which is defined by the
unsigned addition of an index register (X or Y) with an offset.
The indexed addressing mode consists of three submodes:
●
Indexed (no offset)
There is no offset, (no extra byte after the opcode), and it allows 00 - FF addressing
space.
●
Indexed (short)
The offset is a byte, thus requiring only one byte after the opcode and allows
00 - 1FE addressing space.
●
Indexed (long)
The offset is a word, thus allowing 64 Kbyte addressing space and requires 2 bytes
after the opcode.
SLL, SRL, SRA, RLC, RRC
Shift and Rotate operations
SWAP
Swap nibbles
Table 50.
Inherent instructions (continued)
Instruction
Function
Table 51.
Immediate instructions
Instruction
Function
LD
Load
CP
Compare
BCP
Bit Compare
AND, OR, XOR
Logical operations
ADC, ADD, SUB, SBC
Arithmetic operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com