Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 111Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 112Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 113Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 114Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 115Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 116Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 117Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 118Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Instruction set
Doc ID 8349 Rev 5
115/166
Using a prebyte
The instructions are described with 1 to 4 bytes.
In order to extend the number of available opcodes for an 8-bit CPU (256 opcodes), three
different prebyte opcodes are defined. These prebytes modify the meaning of the instruction
they precede.
The whole instruction becomes:
●
PC-2: End of previous instruction
●
PC-1: Prebyte
●
PC: Opcode
●
PC+1: Additional word (0 to 2) according to the number of bytes required to compute
the effective address.
These prebytes enable instruction in Y as well as indirect addressing modes to be
implemented.
They precede the opcode of the instruction in X or the instruction using direct addressing
mode. The prebytes are:
●
PDY 90: Replace an X based instruction using immediate, direct, indexed, or inherent
addressing mode by a Y one.
●
PIX 92: Replace an instruction using direct, direct bit or direct relative addressing mode
to an instruction using the corresponding indirect addressing mode.
It also changes an instruction using X indexed addressing mode to an instruction using
indirect X indexed addressing mode.
●
PIY 91: Replace an instruction using X indirect indexed addressing mode by a Y one.
12.2.1
Illegal opcode reset
In order to provide enhanced robustness to the device against unexpected behavior, a
system of illegal opcode detection is implemented. If a code to be executed does not
correspond to any opcode or prebyte value, a reset is generated. This, combined with the
Watchdog, allows the detection and recovery from an unexpected fault or interference.
Note:
A valid prebyte associated with a valid opcode forming an unauthorized combination does
not generate a reset.
Conditional Branch
JRxx
−−
−
−
−−
−
Interruption management
TRAP
WFI
HALT
IRET
−−
−
−
Condition Code Flag modification
SIM
RIM
SCF
RCF
−−
−
−
Table 55.
Instruction groups (continued)
Group
Instructions
Table 56.
Instruction set overview
Mnemo
Description
Function/example
Dst
Src
H
I
N
Z
C
ADC
Add with Carry
A = A + M + C
A
M
H
−
NZC
ADD
Addition
A = A + M
A
M
H
−
NZC
AND
Logical And
A = A . M
A
M
−−
NZ
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com