Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 114Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 115Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 116Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 117Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 118Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 119Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 120Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 121Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 166 page
background image
Electrical characteristics
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
118/166
Doc ID 8349 Rev 5
13
Electrical characteristics
13.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS.
13.1.1
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA=25°C and TA=TAmax (given by the
selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated in the table footnotes and are not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and represent the
mean value plus or minus three times the standard deviation (mean±3
Σ).
13.1.2
Typical values
Unless otherwise specified, typical data are based on TA=25 °C, VDD=5 V (for the
4.5V
≤ VDD≤ 5.5 V voltage range) and VDD=3.3 V (for the 3 V≤ VDD≤ 4 V voltage range).
They are given only as design guidelines and are not tested.
13.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
13.1.4
Loading capacitor
The loading conditions used for pin parameter measurement are shown in Figure 50.
Figure 50. Pin loading conditions
CL
ST7 PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com