Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BWTR Datasheet(PDF) 97 Page - STMicroelectronics

Part # STA381BWTR
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWTR Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STA381BWTR Datasheet HTML 93Page - STMicroelectronics STA381BWTR Datasheet HTML 94Page - STMicroelectronics STA381BWTR Datasheet HTML 95Page - STMicroelectronics STA381BWTR Datasheet HTML 96Page - STMicroelectronics STA381BWTR Datasheet HTML 97Page - STMicroelectronics STA381BWTR Datasheet HTML 98Page - STMicroelectronics STA381BWTR Datasheet HTML 99Page - STMicroelectronics STA381BWTR Datasheet HTML 100Page - STMicroelectronics STA381BWTR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 174 page
background image
DocID018835 Rev 8
97/174
STA381BW
Register description: New Map
6.32
Enhanced zero-detect mute and input level measurement
(address 0x61-0x65, 0x3F, 0x40, 0x6F)
The STA381BW implements an RMS-based zero-detect function (on serial input interface
data) able to detect in a very reliable way the presence of an input signal, so that the power
bridge outputs can be automatically connected to ground.
When active, the function will mute the output PWM when the input level becomes less than
“threshold - hysteresis”. Once muted, the PWM will be unmuted when the input level is
detected greater than “threshold + hysteresis”.
The measured level is then reported (for each input channel) on registers ZCCCFG1 -
ZCCCFG2, ZCCCFG3 - ZCCCFG4 according to the following equation:
Value_in_dB = 20*Log10(Reg_value/(216*0.635))
D7
D6
D5
D4
D3
D2
D1
D0
WTHH
WTHL
FINETH
HSEL[1:0]
ZMTH[2:0]
00000111
D7
D6
D5
D4
D3
D2
D1
D0
RMS_CH0[7:0]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
D7
D6
D5
D4
D3
D2
D1
D0
RMS_CH0[15:8]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
D7
D6
D5
D4
D3
D2
D1
D0
RMS_CH1[7:0]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
D7
D6
D5
D4
D3
D2
D1
D0
RMS_CH1[15:8]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Table 88. Zero-detect threshold
ZMTH[2:0]
Equivalent input level (dB)
000
-78
001
-84
010
-90
011
-96
100
-102
101
-108
110
-114
111
-114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com