Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BWTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA381BWTR
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA381BWTR Datasheet HTML 39Page - STMicroelectronics STA381BWTR Datasheet HTML 40Page - STMicroelectronics STA381BWTR Datasheet HTML 41Page - STMicroelectronics STA381BWTR Datasheet HTML 42Page - STMicroelectronics STA381BWTR Datasheet HTML 43Page - STMicroelectronics STA381BWTR Datasheet HTML 44Page - STMicroelectronics STA381BWTR Datasheet HTML 45Page - STMicroelectronics STA381BWTR Datasheet HTML 46Page - STMicroelectronics STA381BWTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 174 page
background image
DocID018835 Rev 8
43/174
STA381BW
I2C bus specification
device address and if a match is found, it acknowledges the identification on SDA bus
during the 9th bit time. The byte following the device identification byte is the internal space
address.
5.3
Write operation
Following the START condition, the master sends a device select code with the RW bit set
to 0. The STA381BW acknowledges this and then waits for the byte of the internal address.
After receiving the internal byte address the STA381BW again responds with an
acknowledgement.
5.3.1
Byte write
In the byte write mode the master sends one data byte which is acknowledged by the
STA381BW. The master then terminates the transfer by generating a STOP condition.
5.3.2
Multi-byte write
The multi-byte write mode can start from any internal address. The master generating a
STOP condition terminates the transfer.
5.4
Read operation
5.4.1
Current address byte read
Following the START condition, the master sends a device select code with the RW bit set
to 1. The STA381BW acknowledges this and then responds by sending one byte of data.
The master then terminates the transfer by generating a STOP condition.
5.4.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA381BW. The master acknowledges each
data byte read and then generates a STOP condition, terminating the transfer.
5.4.3
Random address byte read
Following the START condition, the master sends a device select code with the RW bit set
to 0. The STA381BW acknowledges this and then the master writes the internal address
byte. After receiving the internal byte address, the STA381BW again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA381BW acknowledges this and then responds
by sending one byte of data. The master then terminates the transfer by generating a STOP
condition.
5.4.4
Random address multi-byte read
The multi-byte read mode can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA381BW. The master acknowledges each
data byte read and then generates a STOP condition, terminating the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com