Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLITE20F2B6 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 58Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 59Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 60Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 61Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 62Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 63Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 64Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 65Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 166 page
background image
Power saving modes
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
62/166
Doc ID 8349 Rev 5
AWUF prescaler register list (AWUPR)
Read/Write
Reset value: 1111 1111 (FFh)
●
Bits 7:0=
AWUPR[7:0] Auto-wakeup prescaler
These 8 bits define the AWUPR dividing factor (as explained in Table 19: AWU
prescaler below):
In AWU mode, the period that the MCU stays in HALT mode (tAWU in Figure 29: AWUF halt
timing diagram) is defined by:
This prescaler register can be programmed to modify the time that the MCU stays in HALT
mode before waking up automatically.
Note:
If 00h is written to AWUPR, depending on the product, an interrupt is generated immediately
after a HALT instruction, or the AWUPR remains unchanged.
Bit
7
−−−
−−
−
0
Value
AWUPR7 AWUPR6 AWUPR5 AWUPR4 AWUPR3 AWUPR2 AWUPR1 AWUPR0
Table 19.
AWU prescaler
AWUPR[7:0]
Dividing factor
00h
Forbidden
01h
1
−−
FEh
254
FFh
255
t
AWU
64
AWUPR
×
1
f
AWURC
--------------------
t
RCSTRT
+
×
=
Table 20.
AWU register map and reset values
Address
(Hex.)
Register
label
76
5432
10
0049h
AWUPR
Reset value
AWUPR
1
AWUPR
1
AWUPR
1
AWUPR
1
AWUPR
1
AWUPR
1
AWUPR
1
AWUPR
1
004Ah
AWUCSR
Reset value
0
0
0
0
0
AWUF
AWUM
AWUEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com