Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLITE20F2B6 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 46Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 47Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 48Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 49Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 50Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 51Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 52Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 53Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 166 page
background image
Interrupts
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
50/166
Doc ID 8349 Rev 5
External interrupt selection register (EISR)
Read/Write
Reset Value: 0000 1100 (0Ch)
●
Bits 7:6 =
ei3[1:0] ei3 pin selection
These bits are written by software. They select the Port B I/O pin used for the ei3
external interrupt according to the table below.
●
Bits 5:4 =
ei2[1:0] ei2 pin selection
These bits are written by software. They select the Port B I/O pin used for the ei2
external interrupt according to the table below.
●
Bit 3:2 =
ei1[1:0] ei1 pin selection
These bits are written by software. They select the Port A I/O pin used for the ei1
external interrupt according to the table below.
7
0
IS31
IS30
IS21
IS20
IS11
IS10
IS01
IS00
Table 14.
External interrupt I/O pin selection
ei31
ei30
I/O pin
0
0
PB0 (1)
1.
Reset state
0
1
PB1
1
0
PB2
Table 15.
External interrupt I/O pin selection
ei21
ei20
I/O pin
0
0
PB3 (1)
1.
Reset state
0
1
PB4 (2)
2.
PB4 cannot be used as an external interrupt in HALT mode.
1
0
PB5
1
1
PB6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com