Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLITE20F2B6 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 99Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 100Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 101Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 102Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 103Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 104Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 105Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 106Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
On-chip peripherals
Doc ID 8349 Rev 5
103/166
Data I/O register (SPIDR)
Read/Write
Reset Value: Undefined
The SPIDR register is used to transmit and receive data on the serial bus. In a master
device, a write to this register will initiate transmission/reception of another byte.
Note:
During the last clock cycle the SPIF bit is set, a copy of the received data byte in the shift
register is moved to a buffer. When the user reads the serial peripheral data I/O register, the
buffer is actually being read.
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.
Caution:
A write to the SPIDR register places data directly into the shift register for transmission.
A read to the SPIDR register returns the value located in the buffer and not the content of
the shift register (see Figure 42: Serial peripheral interface block diagram).
11.5
10-bit A/D converter (ADC)
11.5.1
Introduction
The analog to digital converter (ADC) peripheral is a 10-bit, successive approximation
converter with internal sample and hold circuitry. This peripheral has up to 7 multiplexed
analog input channels (refer to Table 2: Device pin description) that allow the peripheral to
convert the analog voltage levels from up to 7 different sources.
The result of the conversion is stored in a 10-bit Data Register. The A/D converter is
controlled through a Control/Status Register.
7
0
D7
D6
D5
D4
D3
D2
D1
D0
Table 43.
SPI register map and reset values
Address
(Hex.)
Register
label
765
432
10
0031h
SPIDR
Reset value
MSB
xxx
xxx
x
LSB
x
0032h
SPICR
Reset value
SPIE
0
SPE
0
SPR2
0
MSTR
0
CPOL
x
CPHA
x
SPR1
x
SPR0
x
0033h
SPICSR
Reset value
SPIF
0
WCOL
0
OVR
0
MODF
00
SOD
0
SSM
0
SSI
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com