Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7404DTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7404DTR
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404DTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7404DTR Datasheet HTML 6Page - STMicroelectronics TDA7404DTR Datasheet HTML 7Page - STMicroelectronics TDA7404DTR Datasheet HTML 8Page - STMicroelectronics TDA7404DTR Datasheet HTML 9Page - STMicroelectronics TDA7404DTR Datasheet HTML 10Page - STMicroelectronics TDA7404DTR Datasheet HTML 11Page - STMicroelectronics TDA7404DTR Datasheet HTML 12Page - STMicroelectronics TDA7404DTR Datasheet HTML 13Page - STMicroelectronics TDA7404DTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical specifications
TDA7404
10/35
Mixing control
MLEVEL Mixing level
Main / mix-source
0/00
dB
Main / mix-source
-8.5/-
10.6
-3.5/-
9.6
-2.5/-
8.6
dB
Main / mix-source
-5/-5
-6/-6
-7/-7
dB
Main / mix-source
-11/-
1.5
-12/-
2.5
-13/-
3.5
dB
Volume control
GMAX
Max. gain
283032
dB
AMAX
Max. attenuation
-83
-79
-75
dB
ASTEP
Step resolution
0.5
1
1.5
dB
EA
Attenuation set error
G = -20 to +20 dB
-1
0
1
dB
G = -80 to -20 dB
-4
0
3
dB
ET
Tracking error
2
dB
VDC
DC steps
Adjacent steps
0.1
3
mV
From 0 dB to GMIN
0.5
5
mV
Loudness control
ASTEP
Step resolution
-0.5
1
1.5
dB
AMAX
Max. attenuation
13
15
17
dB
fC
Center frequency
360
400
440
Hz
720
800
880
Hz
2.3
2.4(1)
2.5
kHz
Soft-mute
AMUTE
Mute attenuation
80
100
dB
TD
Delay time
T1
0.48
1
ms
T2
0.96
2
ms
T3
20
30.7
50
ms
T4
70
123
170
ms
VTH low Low threshold for SM pin
(2)
1V
VTH high High threshold for SM pin
2.50
V
RPU
Internal pull-up resistor
70
100
130
k
Ω
VPU
Pull-up voltage
5
V
Table 5.
Electrical characteristics (continued)
(VS =9 V; Tamb=25 °C; RL=10 kΩ; all gains = 0 dB; f = 1 kHz; unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com