Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7404DTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7404DTR
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404DTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7404DTR Datasheet HTML 12Page - STMicroelectronics TDA7404DTR Datasheet HTML 13Page - STMicroelectronics TDA7404DTR Datasheet HTML 14Page - STMicroelectronics TDA7404DTR Datasheet HTML 15Page - STMicroelectronics TDA7404DTR Datasheet HTML 16Page - STMicroelectronics TDA7404DTR Datasheet HTML 17Page - STMicroelectronics TDA7404DTR Datasheet HTML 18Page - STMicroelectronics TDA7404DTR Datasheet HTML 19Page - STMicroelectronics TDA7404DTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Description of functionality
TDA7404
16/35
4.4.3
Low and high frequency boost
Figure 7 shows the different Loudness-shapes in low & high frequency boost.
Figure 7.
Loudness attenuation, fC = 2.4 kHz
4.5
Soft-mute
The digitally controlled soft-mute stage allows muting/demuting the signal with a I2C bus
programmable slope. The mute process can either be activated by the Mute pin or by the
I2C bus. This slope is realized in a special S-shaped curve to mute slow in the critical
regions (seeFigure 6).
For timing purposes the Bit 0 of the I2C bus output register is set to 1 from the start of
muting until the end of de-muting.
Figure 8.
Soft-mute timing
1.
Please notice that a started Mute-action is always terminated and could not be interrupted by a change of
the mute -signal.
-2 0
-1 5
-1 0
-5
0
5
10
100
1K
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com