Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7535013TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7535013TR
Description  Delta/sigma cascade 20 bit stereo DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7535013TR Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7535013TR Datasheet HTML 1Page - STMicroelectronics TDA7535013TR Datasheet HTML 2Page - STMicroelectronics TDA7535013TR Datasheet HTML 3Page - STMicroelectronics TDA7535013TR Datasheet HTML 4Page - STMicroelectronics TDA7535013TR Datasheet HTML 5Page - STMicroelectronics TDA7535013TR Datasheet HTML 6Page - STMicroelectronics TDA7535013TR Datasheet HTML 7Page - STMicroelectronics TDA7535013TR Datasheet HTML 8Page - STMicroelectronics TDA7535013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2009
Rev 8
1/12
12
TDA7535
Delta/sigma cascade 20 bit stereo DAC
Features
■ 20-bit resolution single ended output
■ Analog reconstruction third order Chebyshev
filter
■ I2S input data format
■ On chip PLL
■ System clock: 64 Fs
■ 2 output channels
■ 0.9 VRMS single ended output dynamic
■ 3.3 V power supply
■ Reset
■ Sampling rate 36 kHz to 48 kHz
Description
The TDA7535 is a stereo, digital-to-analog
converter designed for audio application,
including digital interpolation filter, a third order
multi-bit Delta-Sigma DAC, a third order
Chebyshev's reconstruction filter and a differential
to single ended output converter. This device is
fabricated in highly advanced CMOS, where high
speed precision analog circuits are combined with
high density logic circuits. The TDA7535,
according to standard audio converters, can
accept any I2S data format.
The TDA7535 is available in SO14 package. The
total power consumption is less than 75 mW.
TDA7535 is suitable for a wide variety of
applications where high performance are
required. Its low cost and single 3.3 V power
supply make it ideal for several applications, such
as CD players, MPEG audio, MIDI applications,
CD-ROM drives, CD-Interactive, digital radio
applications and so on. An evaluation board is
available to perform measurement and to make
listening tests.
SO14
Table 1.
Device summary
Order code
Package
Packing
TDA7535
SO14
Tube
TDA7535013TR
SO14
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA7535013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Jul-2003
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Feb-2006
More results

Similar Description - TDA7535013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Jul-2003
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
20-Bit Sigma-Delta Stereo ADA Circuit
logo
Analog Devices
AD1857 AD-AD1857 Datasheet
263Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Feb-2006
logo
Samsung semiconductor
BW0405XA SAMSUNG-BW0405XA Datasheet
159Kb / 14P
0.35關m 16-BIT 44.1KHZ SIGMA-DELTA STEREO DAC
logo
Texas Instruments
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
20-Bit Sigma-Delta Stereo ADA Circuit
logo
Analog Devices
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
20-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com