Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7535013TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7535013TR
Description  Delta/sigma cascade 20 bit stereo DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7535013TR Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7535013TR Datasheet HTML 1Page - STMicroelectronics TDA7535013TR Datasheet HTML 2Page - STMicroelectronics TDA7535013TR Datasheet HTML 3Page - STMicroelectronics TDA7535013TR Datasheet HTML 4Page - STMicroelectronics TDA7535013TR Datasheet HTML 5Page - STMicroelectronics TDA7535013TR Datasheet HTML 6Page - STMicroelectronics TDA7535013TR Datasheet HTML 7Page - STMicroelectronics TDA7535013TR Datasheet HTML 8Page - STMicroelectronics TDA7535013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TDA7535
Electrical specification
5/12
2.4
Power consumption
2.5
General interface electrical characteristics
2.6
Low voltage CMOS interface DC electrical characteristics
Table 6.
Power consumption
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Idd
Total maximum current
Power supply @ 3.3 V and Tj = 125 °C
21.5
25
mA
Table 7.
General interface electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
lil
Low level input current
without pull-up device
Vi = 0 V
(1)
1
μA
lih
High level input current
without pull-up device
Vi = Vdd
(1)
1
μA
Ilatchup
I/O latch-up current
V < 0 V, V > Vdd
200
mA
Vesd
Electrostatic protection
Leakage, 1
μA(2)
2000
V
1.
The leakage currents are generally very small, <1nA. The value given here, 1mA, is the maximum that can occur after an
Electrostatic Stress on the pin.
2.
Human body model.
Table 8.
Low voltage CMOS interface DC electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vil
Low Level Input Voltage
0.2*Vd
d
V
Vih
High Level Input Voltage
0.8*Vd
d
V
Vhyst
Schmitt trigger hysteresis
0.8
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com