Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3LIS331DLTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # H3LIS331DLTR
Description  MEMS motion sensor: low-power high-g 3-axis digital accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS331DLTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button H3LIS331DLTR Datasheet HTML 5Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 6Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 7Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 8Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 9Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 10Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 11Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 12Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
DocID023111 Rev 2
9/38
H3LIS331DL
Mechanical and electrical specifications
38
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted (a).
a. The product is factory calibrated at 2.5 V. The operational power supply range is from 2.16 V to 3.6 V. The
product calibration is done at 1 g.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Measurement range(2)
FS bit set to 00
±100
g
FS bit set to 01
±200
FS bit set to 11
±400
So
Sensitivity(3)
FS bit set to 00
12-bit representation
49
mg/digit
FS bit set to 01
12-bit representation
98
FS bit set to 11
12-bit representation
195
TCSo
Sensitivity change vs.
temperature
FS bit set to 00
±0.01
%/°C
TyOff
Typical zero-g level offset
accuracy(4)
FS bit set to 00
±1
g
TCOff
Zero-g level change vs.
temperature
Max. delta from 25 °C
±5
mg/°C
An
Acceleration noise density
FS bit set to 00
15
mg/
NL
Non-linearity
FS bit set to 00
Range -70g .. +70g
2
%FS
Top
Operating temperature range
-40
+85
°C
Wh
Product weight
20
mgram
1. Typical specifications are not guaranteed.
2. Verified by wafer level test and measurement of initial offset and sensitivity.
3. Factory calibrated at 1 g
4. Offset can be eliminated by enabling the built-in high-pass filter.
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com